Part Number Hot Search : 
8100K 8C947 2012S 4AHC1 MAX8885 CA239AE 1N4748AG HUKIT30
Product Description
Full Text Search
 

To Download P4KE10AJ Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPERSSOR
P4KE6.8 THRU P4KE440CA(GPP) P4KE6.8J THRU P4KE440CAJ(OPEN JUNCTION) FEATURES
* * * * * * * * Breakdown Voltage Peak Pulse Power 6.8 to 400 Volts 400 Watts
Plastic package has Underwriters Laboratory Flammability Classification 94V-O Glass passivated or silastic guard junction (open junction) 400W peak pulse power capability with a 10/1000s Waveform, repetition rate (duty cycle): 0.0%1 Excellent clamping capability Low incremental surge resistance Fast response time: typically less than 1.0ps from 0 Volts to V(BR) for unidirectional and 5.0ns for bidirectional types Devices with V(BR)10V, ID are typically ID less than 1.0A High temperature soldering guaranteed: 265/10 seconds, 0.375" (9.5mm) lead length, 51bs.(2.3kg) tension
DO-41
.034(0.9) .028(0.7) 1.0(25.4) MIN. DIA.
.205(5.2) .165(4.2)
.107(2.7) 1.0(25.4) MIN. .080(2.0)
DIA.
Dimensions in inches and (millimeters)
MECHANICAL DATA
* * * * *
Cass: JEDEC DO-204AL,molded plastic body over passivated junction Terminals: Axial leads, solderable per MIL-STD-750, Method 2026 Polarity: Color bands denotes positive end (cathode) except for bidirectional types Mounting position: any Weight: 0.012 ounces, 0.3 gram
DEVICES FOR BIDRECTIONAL APPLICATIONS
* *
For bidirectional use C or CA suffix for types P4KE7.5 THRU TYPES P4K440 (e.g. P4KE7.5CA, P4KE440CA).Electrical Characteristics apply in both directions. Suffix A denotes 5% tolerance device, No suffix A denotes 10% tolerance device
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
*
Ratings at 25 ambient temperature unless otherwise specified Ratings Peak Pulse power dissipation with a 10/1000s waveform(NOTE1,FIG.1) Peak Pulse current with a 10/1000s waveform (NOTE1,FIG.3) Steady Stage Power Dissipation at TT=75 Lead lengths 0.375"(9.5)(Note2) Peak forward surge current, 8.3ms single half sine-wave superimposed on rated load (JEDEC Method) (Note3) Maximum instantaneous forward voltage at 25A for unidirectional only (NOTE 3) Operating Junction and Storage Temperature Range
Symbols PPPM IPPM PM(AV)
Value Minimum 400 See Table 1 1.0 40.0
Unit Watts Watt Amps
IFSM VF TJ, TSTG 3.5/6.5 50 to +150
Amps Volts
Notes:
1. 2. 3. 4. Non-repetitive current pulse, per Fig.3 and derated above TA=25 per Fig.2 Mounted on copper pads to each terminal of 0.31 in (8.0mm2) per Fig 5. Measured at 8.3ms single half sine-wave or equivalent square wave duty cycle = 4 pulses per minutes maximum. VF=3.0 Volts max. for devices of V (BR) 200V, and VF=6.5 Volts max. for devices of V(BR)200v
E-mail: sales@cnmic.com
Web Site: www.cnmic.com
PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPERSSOR
P4KE6.8 THRU P4KE440CA(GPP) P4KE6.8J THRU P4KE440CAJ(OPEN JUNCTION)
Electrical Characteristic at (TA =25 unless otherwise noted) TABLE1
Device Type P4KE6.8/J P4KE6.8A/J P4KE7.5/J P4KE7.5A/J P4KE8.2/J P4KE8.2A/J P4KE9.1/J P4KE9.1A/J P4KE10/J P4KE10A/J P4KE11/J P4KE11A/J P4KE12/J P4KE12A/J P4KE13/J P4KE13A/J P4KE15/J P4KE15A/J P4KE16/J P4KE16A/J P4KE18/J P4KE18A/J P4KE20/J P4KE20A/J P4KE22/J P4KE22A/J P4KE24/J P4KE24A/J P4KE27/J P4KE27A/J P4KE30/J P4KE30A/J P4KE33/J P4KE33A/J P4KE36/J P4KE36A/J P4KE39/J P4KE39A/J P4KE43/J P4KE43A/J P4KE47/J P4KE47A/J P4KE51/J P4KE51A/J P4KE56/J P4KE56AJ/ P4KE62/J P4KE62A/J Breakdown Voltage V(BR)(Volts) (Note 1) MIN 6.12 6.45 6.75 7.13 7.38 7.79 8.19 7.65 9 9.5 9.9 10.5 10.8 11.4 11.7 12.4 13.5 14.3 14.4 15.2 16.2 17.1 18 19 19.8 20.9 21.6 22.8 24.3 25.7 27 28.5 29.7 31.4 32.4 34.2 35.1 37.1 38.7 40.9 42.3 44.7 45.7 48.5 50.4 53.2 55.8 58.9 MAX 7.48 7.14 8.25 7.88 9.02 8.61 10 9.55 11 10.5 12.1 11.6 13.2 12.6 14.3 13.7 16.5 15.8 17.6 16.8 19.8 18.9 22 21 24.2 23.1 26.4 25.2 29.7 28.4 33 31.5 36.3 34.7 39.6 37.8 42.9 41 47.3 45.2 51.7 49.4 56.1 43.6 61.6 58.8 68.8 65.1 Test Current at IT (mA) 10 10 10 10 10 10 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 Stand-off Voltage VWM (Volts) 5.5 5.8 6.05 6.4 6.63 7.02 7.37 7.78 8.1 8.55 8.92 9.4 9372 10.2 10.5 11.1 12.1 12.8 12.9 13.6 14.5 15.3 16.2 17.1 17.8 18.8 19.4 20.5 21.8 23.1 24.3 25.6 26.8 28.2 29.1 30.8 31.6 33.3 34.8 36.8 38.1 40.2 41.3 43.6 45.4 47.8 50.2 53.0 Maximum Reverse Leakage at VWM ID (A) 1000 1000 500 500 200 200 50 50 10 10 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 Maximum Peak Pulse Current IPPM (Note 2) (Amps) 37 38.1 34.2 35.4 32 33.1 29 29.9 26.7 27.6 24.7 25.6 23.1 24 21.1 22 18.2 18.9 17 17.8 15.1 15.9 13.7 14.4 12.5 13.1 11.5 12 10.2 10.7 92 9.7 8.4 8.8 7.7 8 7.1 7.4 6.5 6.7 5.9 6.2 5.4 5.7 5 5.2 4.5 4.7 Maximum Clamping Voltage at IPPM VC(Volts) 10.8 10.5 11.7 11.3 12.5 12.1 13.8 13.4 15 14.5 16.2 15.6 17.3 16.7 19 18.2 22 21.2 23.5 22.5 26.5 25.2 29.1 27.7 31.9 30.6 34.7 33.2 39.1 37.5 43.5 41.4 47.7 45.7 52 49.9 56.4 53.9 61.9 59.3 67.8 64.8 73.5 70.1 80.5 77 89 85 Maximum Temperature Coefficient of V(BR) (%/) Breakdown Voltage Peak Pulse Power 6.8 to 400 Volts 400 Watts
0.06 0.06 0.064 0.064 0.068 0.068 0.071 0.071 0.076 0.076 0.078 0.078 0.081 0.081 0.084 0.084 0.087 0.087 0.089 0.089 0.091 0.091 0.093 0.093 0.095 0.095 0.097 0.097 0.099 0.099 0.1 0.1 0.101 0.101 0.102 0.102 0.103 0.103 0.104 0.104 0.104 0.104 0.105 0.105 0.106 0.106 0.107 0.107
E-mail: sales@cnmic.com
Web Site: www.cnmic.com
PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPERSSOR
P4KE6.8 THRU P4KE440CA(GPP) P4KE6.8J THRU P4KE440CAJ(OPEN JUNCTION)
Electrical Characteristic at (TA =25 unless otherwise noted) TABLE 1 (Cont'd)
Device Type P4KE68/J P4KE68A/J P4KE75/J P4KE75A/J P4KE82/J P4KE82A/J P4KE91/J P4KE91A/J P4KE100J/ P4KE100A/J P4KE110/J P4KE110A/J P4KE120/J P4KE120A/J P4KE130/J P4KE130A/J P4KE150/J P4KE150A/J P4KE160/J P4KE160A/J P4KE170/J P4KE170A/J P4KE180/J P4KE180A/J P4KE200/J P4KE200A/J P4KE220/J P4KE220A/J P4KE250/J P4KE250A/J P4KE300/J P4KE300A/J P4KE350/J P4KE350A/J P4KE400/J P4KE400A/J P4KE440/J P4KE440A/J Breakdown Voltage V(BR)(Volts) (Note 1) MIN MAX Test Current at IT (mA) Stand-off Voltage VWM (Volts) Maximum Reverse Leakage at VWM ID (A) (Note3) Maximum Peak Pulse Current IPPM (Note 2) (Amps) Maximum Clamping Voltage at IPPM VC(Volts) Maximum Temperature Coefficient of V(BR) (%/) Breakdown Voltage Peak Pulse Power 6.8 to 400 Volts 400 Watts
61.2 64.6 67.5 71.3 73.8 77.9 81.9 86.5 90 95 99 105 108 114 117 124 135 143 144 152 153 162 162 171 180 190 198 209 25 237 270 285 315 332 360 380 396 418
74.8 71.4 82.5 78.8 90.2 86.1 100 95.5 110 105 121 116 132 126 143 137 165 159 175 167 187 179 197 189 220 210 242 231 275 267 330 315 385 368 440 420 484 462
1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1
55.1 58.1 60.7 64.1 66.4 70.1 73.7 77.8 81 85.5 89.2 94 97.2 102 105 111 121 128 130 136 138 145 146 154 162 171 175 185 202 214 243 245 284 300 324 342 356 376
5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5
4.1 4.3 3.7 3.9 3.4 3.5 3.1 3.2 2.8 2.9 2.5 2.6 2.3 2.4 2.1 2.2 1.9 1.9 1.7 1.8 1.6 1.7 1.6 1.6 1.4 1.5 1.2 1.2 1.1 1.2 0.93 1 0.79 0.83 0.7 0.73 0.63 0.66
98 92 105 103 118 113 131 125 144 137 158 152 173 165 187 179 215 207 230 219 244 234 258 246 287 274 344 328 360 344 430 414 504 482 574 548 631 602
0.104 0.104 0.105 0.105 0.105 0.105 0.106 0.106 0.106 0.106 0.107 0.107 0.107 0.107 0.107 0.107 0.108 0.108 0.108 0.108 0.108 0.108 0.108 0.108 0.108 0.108 0.108 0.108 0.11 0.11 0.11 0.11 0.11 0.11 0.11 0.11 0.11 0.11
Notes:
(1) (2) (3) (4) (5) V(BR) measured after IT applied for 300ms IT =square wave pulse or equivalent Surge current waveform per Figure 3 and derate per Fig.2 For bidirectional type having VWM of 10 volts and less, the lD limit is doubled All terms and symbols are consistent with ANSI/IEEE C62.35 No suffix is Gpp passivated junction, Suffix "J" is open junction (silastic guard junction)
E-mail: sales@cnmic.com
Web Site: www.cnmic.com
PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPERSSOR
P4KE6.8 THRU P4KE440CA(GPP) P4KE6.8J THRU P4KE440CAJ(OPEN JUNCTION)
Breakdown Voltage Peak Pulse Power 6.8 to 400 Volts 400 Watts
RATING AND CHARACTERISTIC CURVES P4KE6.8/J THRU P4KE440CA/J
PEAK PULSE POWER (PPP ) OR CURRENT(IPP ) DERATING IN PERCENTAGE % FIG.1- PEAK PULSE POWER RATING CURVE
PPPM, PEAK PULSE POWER, kW
100 Non-Repetitive Pulse Waveform Shown in Figure 3 TA=25
FIG.2- PULSE DERATING CURVE
100
10
75
1.0
50
0.1 0.1s
25
1.0s
10s
100s
1.0ms
10ms
t d ,PULSE WIDTH, SEC FIG.3- PULSE WAVEFORM
tf=10use Peak Value lppm Half Value-lpp 2 50 10/1000usec Waveform as Defined by R.E.A. Pulse Width (td)is Defined as the Point Where the Peak Current Decays to 50% of lpp
0
0
25
50
75
100
125
150
175
200
150
TA , AMBIENT TEMPERATURE () FIG.4- TYPICAL JUNCTION CAPACITANCE UNIDIRECTIONAL
100,000
IPPM, PEAK PULSE CURRENT-%
100
CJ, JUNCTION CAPACITANCE, pF
TJ=25 f = 1.0MHz Vsig = 50mVp-p 10,000 Measured at Zero Blas
0
td 0 1.0
PM(AV), STEADY STATE POWER DISSIPATION, WATTS
t, TIME, ms
2.0
3.0
4.0
FIG.5- STEADY STATE POWER DERATING CURVE
1.00 L = 0.375" (9.5mm) LEAD LENGTHS 60 Hz Resistive or induction load
1000
Measured at Stand-Off Voltage (V MW)
0.75
10 1.0 1.6x1.6x.040" (40x40x1mm) COPPER HEAT SINKS
0.50
V(BR) ,BREALDOWN VOLTAGE,
10
100
VOLTS
200
0.25
IFSM, PEAK FORWARD SURGE CURRENT, AMPERES
FIG.6 - MAXMIUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT UNIDIRECTIONAL ONLY
50 TJ=TJ max 8.3ms Single Half Since-Wave JEDEC Method
0
0
25
50
75
100
125
150
175
200
TL ,LEAD TEMPERATURE FIG.7- TYPICAL REVERSE LEAKAGE CHARACTERISTICS
40 30 20
i D,INSTANTANEOUS REVERSE LEAKAGE CURRENT, MICROAMPERES
100 HEASURED AT DEVICES STAND-OFF VOLTAGE, V WM
10
10
1
0
TA=25
1
10
100
NUMBER OF CYCLES AT 60 Hz
0.1
0.01
0
V(BR) ,BREAKDOWN VOLTAGE, VOLTS
100
200
300
400
500
E-mail: sales@cnmic.com
Web Site: www.cnmic.com


▲Up To Search▲   

 
Price & Availability of P4KE10AJ

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X